Part Number Hot Search : 
BOE100 AT1452BP 31ACD 2375AD LH2108A MB13CA AS19H UP03396
Product Description
Full Text Search
 

To Download KBP3005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
KBP3005 THRU KBP310
* * * * *
Features
Surge overload ratings 80 amperes peak Lead: Silver Plated Cooper Lead Ideal for printed circuit board UL Recognized File # E165989 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0
3 Amp Bridge Rectifier 50 to 1000 Volts
KBP
A
Maximum Ratings
* * * Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C 2 I t Rating for Fusing(t<8.3ms): 10 A2s MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 400V 600V 800V 1000V
B + AC -
KBP3005 KBP301 KBP302 KBP304 KBP306 KBP308 KBP310
KBP3005 KBP301 KBP302 KBP304 KBP306 KBP308 KBP310
35V 70V 140V 280V 420V 560V 700V
C
H
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Forward Voltage Drop Per Element Maximum DC Reverse Current At Rated DC Blocking Voltage IF(AV) IFSM 3.0A 80A TA = 55C 8.3ms, half sine
G E
D
VF
1.1V
IFM = 1.0A per element; TA = 25C TJ = 25C TJ = 100C
DIMENSIONS INCHES MIN ----.750 --.150 .125 .320 MM MIN ----19.00 --3.80 3.20 0.80
IR
10A 1mA
DIM A B C D E G H
MAX .693 .504 --.250 -----
MAX 17.60 12.80 --6.40 -----
NOTE
3PL/TYP
www.mccsemi.com
Revision: 4
1 of 3
2006/05/01
KBP3005 THRU KBP310
MCC
TM
Micro Commercial Components
Figure 1 Forward Derating Curve 3
2
Amps 1
0
0
25
50
75 C
100
125
150
Average Forward Rectified Current - Amperes versus Ambient Temperature - C
www.mccsemi.com
Revision: 4
2 of 3
2006/05/01
MCC
TM
Micro Commercial Components
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 4
3 of 3
2006/05/01


▲Up To Search▲   

 
Price & Availability of KBP3005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X